PART |
Description |
Maker |
BS62LV1027 BS62LV1027PIP70 BS62LV1027SCG70 BS62LV1 |
Asynchronous 1M(128Kx8) bits Static RAM LM5035 PWM Controller with Integrated Half-Bridge and SyncFET Drivers; Package: TSSOP EXP PAD; No of Pins: 20 LM5041A Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 LM5041 Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 非常低功电压的CMOS的SRAM LM5033 100V Push-Pull Voltage Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDSO32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 55 ns, PDIP32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, UUC
|
http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. BRILLIANCE SEMICONDUCTOR INC
|
AM29SL800CT150WBC AM29SL800CB120EI AM29SL800CB120E |
CAP 150UF 6.3V 20% TANT SMD-7343-30 TR-7 Quad 2-Input NOR Gates 14-SOIC -55 to 125 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 IC LOGIC 1G79 SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP -40 85C SOT-23-5 3000/REEL 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 16-Bit Buffer/Line Driver, OE Active Low
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29SL400CT100REI AM29SL400CT150WAF AM29SL400CB120 |
CAP 150UF 4V 20% TANT SMD-7343-30 TR-7 M16C Series, 6N4 Group, 3-ch IEBus, 3-phase PWM, CRC 100P6Q-A; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PLQP0100KB-A High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic Octal InvertingTransparent Latch with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic Octal Positive-Edge Triggered D-Type Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic 12-Stage Binary Counter 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 110 ns, PDSO48 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 100 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48
|
Spansion Inc. Spansion, Inc. Xicon Passive Components Amphenol, Corp.
|
R3111Q091A R3111Q091A-T1 R3111Q091A-TR R3111Q091A- |
Low voltage detector. Detector threshold (-Vdet) 5.5V. Output type: CMOS. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 4.4V. Output type: Nch open drain. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 3.8V. Output type: Nch open drain. Standard taping specification TR LOW VOLTAGE DETECTOR R3111XXX1A/C SERIES Low voltage detector. Detector threshold (-Vdet) 3.8V. Output type: CMOS. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 4.4V. Output type: CMOS. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 5.6V. Output type: CMOS. Standard taping specification TR
|
RICOH[RICOH electronics devices division]
|
BU4948F-TR BU4948FVE-TR BU4948G-TR BU4809FVE-TR BU |
Low Voltage Standard CMOS Voltage Detector IC Series
|
Rohm
|
IS62WV10248BLL-55BLI IS62WV10248BLL-55BI |
1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 1M X 8 STANDARD SRAM, 55 ns, PBGA48
|
Integrated Silicon Solution, Inc. 天津新技术产业园区管理委员会
|
IS62WV1288ALL-70BI IS62WV1288BLL-45TI IS62WV1288BL |
128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 128K X 8 STANDARD SRAM, 45 ns, PDSO32 128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 128K X 8 STANDARD SRAM, 45 ns, PBGA36
|
Integrated Silicon Solution, Inc.
|
74LCX646 74LCX646RM13TR 74LCX64604 |
LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
|
STMicroelectronics
|
AM29SL800DB100 AM29SL800DT90 AM29SL800D AM29SL800D |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
AMD[Advanced Micro Devices]
|
K6F8016V3A K6F8016V3A-F K6F8016V3A-TF55 K6F8016V3A |
512K X 16 STANDARD SRAM, 55 ns, PDSO44 From old datasheet system 512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
SAMSUNG[Samsung semiconductor] Samsung Electronic
|
IS62LV256-70T-TR IS62LV256-70TI-TR IS62LV256AL-45J |
32K x 8 LOW VOLTAGE CMOS STATIC RAM 32K X 8 STANDARD SRAM, 45 ns, PDSO28 32K x 8 LOW VOLTAGE CMOS STATIC RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
AM29LV065D AM29LV065DU101REI AM29LV065DU101REIN AM |
8M X 8 FLASH 3V PROM, 120 ns, PDSO48 64 Megabit (8 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control 8M X 8 FLASH 3V PROM, 90 ns, PDSO48 64 Megabit (8 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control 64兆位米8位)的CMOS 3.0伏特,只有统一部门闪光控制记忆与VersatileIOTM Evaluation Board for LM3677 3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits; ; Qty per Container: 1
|
SPANSION LLC Advanced Micro Devices, Inc.
|